Part Number Hot Search : 
CM7206 SED15 2N1147C R3000 2415S BZ5245 AD580TH C560B
Product Description
Full Text Search
 

To Download TTC-474L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features 1. rohs compliant 2. body size n 3mm 3. radial lead resin coated 4. -40 ~ +125 : operating temperature range 5. wide resistance range 6. cost effective 7. agency recognition: ul structure and dimensions s type (straight lead) (u (unit: mm) i type (inner kink lead) ul e223037 p art n umbering s ystem ttc -- 101 k meritek series size code -- ? 5mm zero power resistance at at 25c code 101 682 474 100  6800  470000  tolerance of r 25 code j k l 5% 10% 15% meritek ntc thermistors ttc series s pecifications are subject to change without notice. rev.6 a
electrical characteristics safety approvals zero power resistance at 25c tolerance of r 25 b 25/50 value max. power rating at 25c dissipation factor thermal time constant operating temperature range ul part no. r 25 (  ) ( %) (k) p max (mw ) / (mw/c) 2 (sec.) t l ~t u (c) ttc -- 005 ? 5 2400 ttc -- 010 ? 10 2800 ttc -- 015 ? 15 2800 ? ttc -- 020 ? 20 2800 ? ttc -- 025 ? 25 2900 ? ttc -- 045 ? 45 3100 ? ttc -- 050 ? 50 3100 ? ttc -- 060 ? 60 3100 ? ttc -- 085 ? 85 3200 ? ttc -- 090 ? 90 3200 ? ttc -- 101 ? 100 3200 ? ttc -- 121 ? 120 3300 ? ttc -- 151 ? 150 3300 ? ttc -- 201 ? 200 3500 ? ttc -- 221 ? 220 3500 ? ttc -- 251 ? 250 3500 ? ttc -- 301 ? 300 3800 ? ttc -- 471 ? 470 3500 ? ttc -- 501 ? 500 3700 ? ttc -- 681 ? 680 3800 ? ttc -- 701 ? 700 3800 ? ttc -- 102 ? 1000 3800 ? ttc -- 152 ? 1500 3950 ? ttc -- 202 ? 2000 4000 ? ttc -- 222 ? 2200 4000 ? ttc -- 252 ? 2500 4000 ? ttc -- 302 ? 3000 4000 ? ttc -- 332 ? 3300 4000 ? ttc -- 402 ? 4000 4000 ? ttc -- 472 ? 4700 4050 ? ttc -- 502 ? 5000 3950 ? ttc -- 602 ? 6000 4050 ? ttc -- 682 ? 6800 4050 ? ttc -- 802 ? 8000 4050 ? ttc -- 103 ? 10000 4050 ? ttc -- 123 ? 12000 4050 ? ttc -- 153 ? 15000 4150 ? ttc -- 203 ? 20000 4250 ? ttc -- 303 ? 30000 4250 ? ttc -- 473 ? 47000 4300 ? ttc -- 503 ? 50000 4300 ? ttc -- 104 ? 100000 4400 ? ttc -- 154 ? 150000 4500 ? ttc -- 204 ? 200000 4600 ? ttc -- 224 ? 220000 4600 ttc -- 474 ? 470000 5 ? 10 ? 15 4750 450 approx. 4.5 approx. 20 -30~+125 ? note : 3? = tolerance of r 25 meritek ntc thermistors ttc series
features 1. rohs compliant 2. body size n 3mm 3. radial lead resin coated 4. -40 ~ +125 : operating temperature range 5. wide resistance range 6. cost effective 7. agency recognition: ul p art n umbering s ystem ttc 03 a 901 f 39 d 1 meritek series size code 0 3 3 ? beta value code a b b 25/85 b 25/50 part no. (r25) code 102 103 1k : 10k : tolerance of resistor code f g h j k (%) 1 2 3 5 10 beta valuefirst 2 digits code 30 31 . 39 40 41 .. 30 31 . 39 40 41 . beta valuelast 2 digits code 0 1 . a b c d e f g h 00 10 . 05 15 25 35 45 55 65 75 tolerance of beta value code 1 2 3 (%) 1 2 3 structure and dimensions ul e223037 meritek ntc thermistors ttc03 series 0.5 d 0.02 2.54 d? 30-40 3 max 2.5-5.0 2.5-4 1.5-3 spec. marking s pecifications are subject to change without notice.
electrical characteristics safety approvals zero power resistance at 25c tolerance of r 25 b 25/85 value tolerance of b value max. power rating at 25c dissipation factor thermal time constant operating temperature range part no. r 25 (k  ) ( %) (k) (%) p max (mw) / (mw/c) 2 (sec.) t l ~t u (c) ul ttc 0 3a901 ? 39d* 0.9 3935 ? ttc 0 3a102 ? 39d* 1 3935 ? ttc 0 3a152 ? 39d* 1.5 3935 ? ttc 0 3a202 ? 39h* 2 3975 ? ttc 0 3a222 ? 39h* 2.2 3975 ? ttc 0 3a272 ? 39h* 2.7 3975 ? ttc 0 3a302 ? 39h* 3 3975 ? ttc 0 3a332 ? 39h* 3.3 3975 ? ttc 0 3a472 ? 39h* 4.7 3975 ? ttc 0 3a502 ? 39h* 5 3975 ? ttc 0 3a682 ? 39h* 6.8 3975 ? ttc 0 3a103 ? 34d* 10 3435 ? ttc 0 3a103 ? 374* 10 3740 ? ttc 0 3a103 ? 39h* 10 3975 ? ttc 0 3a123 ? 374* 12 3740 ? ttc 0 3a153 ? 374* 15 3740 ? ttc 0 3a203 ? 374* 20 3740 ? ttc 0 3a223 ? 374* 22 3740 ? ttc 0 3a333 ? 409* 33 4090 ? ttc 0 3a473 ? 409* 47 4090 ? ttc 0 3a503 ? 39h* 50 3975 ? ttc 0 3a503 ? 406* 50 4060 ? ttc 0 3a683 ? 419* 68 4190 ? ttc 0 3a104 ? 419* 100 4190 ? ttc 0 3a154 ? 437* 150 4370 ? ttc 0 3a224 ? 437* 220 4370 ? ttc 0 3a334 ? 457* 330 4570 ? ttc 0 3a474 ? 457* 470 1 ? 2 ? 3 ? 5 ? 10 4570 123 150 2.5 18 -40~+125 ? note 1: ?3 = tolerance of rr 25 note 2: * = tolerance of b value meritek ntc thermistors ttc03 series
features 1. rohs compliant 2. body size n 3mm 3. radial lead resin coated 4. -40 ~ +125 : operating temperature range 5. wide resistance range 6. cost effective 7. agency recognition: ul p art n umbering s ystem tts 2 b 502 2 2 7 2 c meritek series size code body size 1 - 2.5mm(max)x3mm(max) transparent epoxy 2 - 2.5mm(max)x3mm(max) black epoxy beta value code a b b 25/85 b 25/50 part no. (r25) code 102 103 1k : 10k : tolerance of resistor code f g h j k (%) 1 2 3 5 10 beta valuefirst 2 digits code 30 31 . 39 40 41 .. 30 31 . 39 40 41 . beta valuelast 2 digits code 0 1 . a b c d e f g 00 10 . 05 15 25 35 45 55 65 tolerance of beta value code 1 2 3 (%) 1 2 3 appearance code c d e f ? 0.25mm silver plated copper wire ? 0.3 mm silver plated copper wire ? 0.23mm enameled copper wire ? 0.3mm enameled copper wire m p n ? 0.23mm enameled manganin wire ? 0.5mm enameled manganin wire ? 0.23mm enameled constantan wire ul e223037 meritek ntc thermistors tts series s pecifications are subject to change without notice.
structure and dimensions part no. dmax. amax. d l tts1 1.6 3.0 tts2 2.5 4.0 0.250.02 402 part no. dmax. amax. d l i tts1 1.6 3.0 tts2 2.5 4.0 0.230.02 804 41 c type e type d a l i d epoxy resin enameled copper wire soldered d a l d epoxy resin silver plated copper wire electrical characteristics zero power resistance at 25c tolerance of r 25 b value tolerance of b value max. power rating at 25c dissipation factor thermal time constant operating temperature range safety approvals part no. r 25 (k  ) ( %) (k) (%) p max (mw) / (mw/c) 2 (sec.) t l ~t u (c) ul tts#b502^327* 5 25/50 3270 ? tts#b502^347* 5 25/50 3470 ? tts#b502^365* 5 25/50 3650 ? tts#b502^395* 5 25/50 3950 ? tts#b103^338* 10 25/50 3380 ? tts#b103^347* 10 25/50 3470 ? tts#b103^395* 10 25/50 3950 ? tts#a103^34d 10 25/85 3435 ? tts#a103^39h 10 25/85 3975 ? tts#b203^395* 20 25/50 3950 ? tts#a203^34d* 20 25/85 3435 ? tts#a303^395* 30 25/85 3950 ? tts#b473^395* 47 25/50 3950 ? tts#b503^395* 50 25/50 3950 ? tts#a503^34d* 50 25/85 3435 ? tts#a833^40b* 83 25/85 4015 ? tts#a104^34d* 100 25/85 3435 ? tts#b104^410* 100 25/50 4100 ? tts#a104^425* 100 25/85 4250 ? tts#b474^439* 470 25/50 4390 ? tts#a504^427* 500 25/85 4270 ? tts#b504^430* 500 1,2,3, 5,10 25/50 4300 1,2,3 45 ^1 ^10 -40 ~ +100 ? note 1: # = body size , ^ = tolerance of r 25 , * = tolerance of b value meritek ntc thermistors tts series s pecifications are subject to change without notice.
features 1. rohs compliant 2. radial leaded insulation film coated 3. -40 ~ +100 : operating temperature range 4. agency recognition: ul p art n umbering s ystem ttf 3 a 103 f 34 d 1 meritek series chip size code 3 3 ? beta value code a b b 25/85 b 25/50 part no. (r25) code 102 103 1k : 10k : tolerance of resistor code f g h j k (%) 1 2 3 5 10 beta valuefirst 2 digits code 30 31 . 39 40 41 .. 30 31 . 39 40 41 . beta valuelast 2 digits code 0 1 a b c d e f g h 00 10 05 15 25 35 45 55 65 75 tolerance of beta value code 1 2 3 (%) 1 2 3 structure and dimensions electrical characteristics safety approval s zero power resistance at 25c tolerance of r 25 b 25/85 value tolerance of b value max. power rating at 25c dissipation factor thermal time constant operating temperature range part no. r 25 (k  ) ( %) (k) (%) p max (mw) / (mw/c) 2 (sec.) t l ~t u (c) ul ttf3a502^34d* 5 ? ttf3a103^34d* 10 ? ttf3a203^34d* 20 ? ttf3a303^34d* 30 ? ttf3a473^34d* 47 3435 ? ttf3a473^39h* 47 3975 ? ttf3a473^419* 47 4190 ? ttf3a503^34d* 50 ? ttf3a104^34d* 100 3435 ? ttf3a104^39h* 100 3975 ? ttf3a224^405* 220 1,2,3, 5,10 4050 1,2,3 3.5 approx. 0.7 approx. 5 -40 ~ +100 ? note 1: ^ = tolerance of r 25 note 2: *= tolerance of b value ul e223037 meritek ntc thermistors ttf series s pecifications are subject to change without notice.
p art n umbering s ystem dht 0 b 502 f 35 5 2 meritek series size code 0 - 2x4 beta value code a b b 25/85 b 25/50 part no. (r25) code 102 103 1k : 10k : tolerance of resistor code f g h j k (%) 1 2 3 5 10 beta valuefirst 2 digits code 30 31 . 39 40 41 .. 30 31 . 39 40 41 . beta valuelast 2 digits code 0 1 a b c d e f g h 00 10 05 15 25 35 45 55 65 75 tolerance of beta value code 1 2 3 (%) 1 2 3 features 1. rohs compliant. 2. body size ? 2mm x 4mm. 3. axial lead glass-sealed. 4. -40 ~ +300 : operating temperature range. 5. agency recognition: ul. structure and dimensions 0.7- 0.9 2max 28 1 4max unit:mm 28 1 0.5 0.02 chip glass cp wire (nickel-plated) ul e223037 meritek ntc thermistors dht series s pecifications are subject to change without notice.
electrical characteristics zero power resistance at 25c tolerance of r 25 b value tolerance of b value max. power rating at 25c dissipation factor thermal time constant operating temperature range safety approvals part no. r 25 (k  ) ( %) (k) (%) p max (mw) / (mw/c) 2 (sec.) t l ~t u (c) ul dht0b502^355* 5 25/50 3550 ? dht0b103^355* 10 25/50 3550 ? dht0b103^395* 10 25/50 3950 ? dht0a103^327* 10 25/85 3270 dht0a103^34d* 10 25/85 3435 ? dht0a103^347* 10 25/85 3470 ? dht0a103^370* 10 25/85 3700 ? dht0a103^39h* 10 25/85 3975 ? dht0b203^395* 20 25/50 3950 ? dht0b203^420* 20 25/50 4200 ? dht0b303^395* 30 25/50 3950 dht0b473^395* 47 25/50 3950 ? dht0b503^395* 50 25/50 3950 ? dht0b104^395* 100 25/50 3950 ? dht0b104^400* 100 25/50 4000 ? dht0a104^39h* 100 25/85 3975 ? dht0a104^430* 100 25/85 4300 ? dht0a204^400* 200 25/85 4000 ? dht0a204^420* 200 25/85 4200 ? dht0a204^430* 200 25/85 4300 ? dht0b204^395* 200 25/50 3950 ? dht0b204^420* 200 1,2,3, 5,10 25/50 4200 1,2,3 120 ^2 ^10 -40~+300 (ni-plated cp wire) ? note 1: ^ = tolerance of r 25 note 2: * = tolerance of b value meritek ntc thermistors dht series


▲Up To Search▲   

 
Price & Availability of TTC-474L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X